Part Number Hot Search : 
SP563 NTC10D11 TN7271 S1000 5C9V1 NJM4558E 0DPBF M62003FP
Product Description
Full Text Search
 

To Download CMPSH-310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMPSH-3 CMPSH-3A CMPSH-3C CMPSH-3S SURFACE MOUNT SILICON SCHOTTKY DIODES
w w w. c e n t r a l s e m i . c o m
DESCRIPTION: The CENTRAL SEMICONDUCTOR CMPSH-3 series types are Silicon Schottky diodes designed for surface mount fast switching applications requiring a low forward voltage drop.
SOT-23 CASE The following configurations are available: CMPSH-3 CMPSH-3A CMPSH-3C CMPSH-3S SINGLE DUAL, COMMON ANODE DUAL, COMMON CATHODE DUAL, IN SERIES MARKING MARKING MARKING MARKING
SYMBOL VRRM IF IFRM IFSM PD TJ, Tstg JA
CODE: CODE: CODE: CODE:
D95 DB1 DB2 DA5
UNITS V mA mA mA mW C C/W
MAXIMUM RATINGS: (TA=25C) Peak Repetitive Reverse Voltage Continuous Forward Current Peak Repetitive Forward Current Peak Forward Surge Current, tp=10ms Power Dissipation Operating and Storage Junction Temperature Thermal Resistance
30 100 350 750 350 -65 to +150 357
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25C unless otherwise noted) SYMBOL TEST CONDITIONS MIN TYP MAX IR VR=25V 90 500 IR VR=25V, TA=100C 25 100 BVR IR=100A 30 VF IF=2.0mA 0.29 0.33 VF IF=15mA 0.40 0.45 VF IF=100mA 0.74 1.00 CT VR=1.0V, f=1.0MHz 7.0 trr IF=IR=10mA, Irr=1.0mA, RL=100 5.0
UNITS nA A V V V V pF ns
R6 (27-January 2010)
CMPSH-3 CMPSH-3A CMPSH-3C CMPSH-3S SURFACE MOUNT SILICON SCHOTTKY DIODES
SOT-23 CASE - MECHANICAL OUTLINE
PIN CONFIGURATIONS
CMPSH-3 LEAD CODE: 1) Anode 2) No Connection 3) Cathode MARKING CODE: D95
CMPSH-3A LEAD CODE: 1) Cathode D2 2) Cathode D1 3) Anode D1, D2 MARKING CODE: DB1
CMPSH-3C LEAD CODE: 1) Anode D2 2) Anode D1 3) Cathode D1, D2 MARKING CODE: DB2
CMPSH-3S LEAD CODE: 1) Anode D2 2) Cathode D1 3) Anode D1, Cathode D2 MARKING CODE: DA5
R6 (27-January 2010)
w w w. c e n t r a l s e m i . c o m


▲Up To Search▲   

 
Price & Availability of CMPSH-310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X